Part Number Hot Search : 
BR1005 T91SAM7 00222 78L05 FR1003 DS128406 KPS2801 141031
Product Description
Full Text Search
 

To Download PC3781A-12CGT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Profile Minature PCB Power Relay
PC378
FEATURES 8 Amp contact capacity 1 Form A and 1 form C contact forms available 5 KV dielectric strength between coil and contacts 8 mm creepage distance between coil and contacts Low profile design, .48 in. tall Meets UL 873 spacing Sealed, immersion cleanable
File # E86876
UL/CUR RATINGS
Contact Form Rated Load Max. Switching Current Max Switching Power Max Switching Voltage All Conttacts All Forms 8 A @ 250 VAC, 5A @ 30 VDC 10 Amps 2000 VA / 150 W 440 VAC / 125 VDC
CONTACT DATA
Material Initial Contact Resistance Service Life Mechanical Electrical AgCdO (Silver Cadmium Oxide) 100 milliohms max @ 1A, 6VDC 1 X 107 Operations 1 X 10 5 Operations
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Power Consumption Ambient Temperature Range Weight 7 ms. Max. 3 ms. Max. 1,000 megohms min, at 500VDC, 50%RH 5000 Vrms, 1 min. between coil and contacts 1000 Vrms, 1 min. between open contacts 10 g, 11ms, functional; 100 g, destructive DA 2 mm, 10-50 Hz .25 Watts -40 to 85 C, -40 to 130 C storage 8.2 grams approx.
ORDERING INFORMATION
Example: Model Contact Form 1A or 1C Coil Voltage Enclosure S: Sealed; C: Dust Cover Contact Material C: AgCdO T: AgSnO GC: Gold Plated AgCdO GT: Gold Plated AgSnO
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
PC378 Rev B 4-5-04
PC378
-1C
-12
S
C
PAGE 1
PC378
COIL DATA
Resistance Coil Voltage 5 6 12 24 48 60 _ ohms + 10% 113 164 617 2350 9600 12500 Must Operate Voltage Max. (VDC) 3.75 4.50 9.00 18.0 36.0 45.0 Must Release Voltage Min. (VDC) 0.5 0.6 1.2 2.4 4.8 6.0
PC378
Continuous Voltage Max. (VDC) 5.5 6.6 13.2 26.4 52.8 66.0
Note: Custom coil voltages within the ranges shown are available on special order.
Dimensions in Inches (millimeters) 1 Form C, 3.2 mm Spacing Side View
1.12 (28.5)
End View
.398 (10.1)
Bottom View PC Board Layout
.744 (18.9) .252 (6.4)
Wiring Diagram
.126 (3.2)
.484 (12.3)
.300 (7.62)
.142 (3.6)
1 Form A, 5 mm Spacing Side View
1.12 (28.5)
End View
.398 (10.1)
Bottom View PC Board Layout
.744 (18.9) .197 (5.0)
Wiring Diagram
.484 (12.3)
.300 (7.62)
.051 Dia. Typ. (1.3)
.142 (3.6)
Notes: Tolerances + .010 unless otherwise noted
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com PAGE 2


▲Up To Search▲   

 
Price & Availability of PC3781A-12CGT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X